データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST8024CTR データシート(PDF) 28 Page - STMicroelectronics

部品番号 ST8024CTR
部品情報  Smartcard interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024CTR データシート(HTML) 28 Page - STMicroelectronics

Back Button ST8024CTR Datasheet HTML 22Page - STMicroelectronics ST8024CTR Datasheet HTML 23Page - STMicroelectronics ST8024CTR Datasheet HTML 24Page - STMicroelectronics ST8024CTR Datasheet HTML 25Page - STMicroelectronics ST8024CTR Datasheet HTML 26Page - STMicroelectronics ST8024CTR Datasheet HTML 27Page - STMicroelectronics ST8024CTR Datasheet HTML 28Page - STMicroelectronics ST8024CTR Datasheet HTML 29Page - STMicroelectronics ST8024CTR Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Package mechanical data
ST8024
28/30
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
6.8
7
0.268
0.276
Bo
10.1
10.3
0.398
0.406
Ko
1.7
1.9
0.067
0.075
Po
3.9
4.1
0.153
0.161
P
11.9
12.1
0.468
0.476
Tape & Reel TSSOP28 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30