データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS271BMD データシート(PDF) 16 Page - STMicroelectronics

部品番号 TS271BMD
部品情報  CMOS Programmable Low Power Single Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS271BMD データシート(HTML) 16 Page - STMicroelectronics

Back Button TS271BMD Datasheet HTML 9Page - STMicroelectronics TS271BMD Datasheet HTML 10Page - STMicroelectronics TS271BMD Datasheet HTML 11Page - STMicroelectronics TS271BMD Datasheet HTML 12Page - STMicroelectronics TS271BMD Datasheet HTML 13Page - STMicroelectronics TS271BMD Datasheet HTML 14Page - STMicroelectronics TS271BMD Datasheet HTML 15Page - STMicroelectronics TS271BMD Datasheet HTML 16Page - STMicroelectronics TS271BMD Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16/17
TS271
Package Mechanical Data
Package Mechanical Data
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.04
0.010
A2
1.10
1.65
0.043
0.065
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.007
0.010
D
4.80
5.00
0.189
0.197
E
3.80
4.00
0.150
0.157
e
1.27
0.050
H
5.80
6.20
0.228
0.244
h
0.25
0.50
0.010
0.020
L
0.40
1.27
0.016
0.050
k
˚ (max.)
ddd
0.1
0.04
SO-8 MECHANICAL DATA
0016023/C
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17