データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS271ACDT データシート(PDF) 13 Page - STMicroelectronics

部品番号 TS271ACDT
部品情報  CMOS Programmable Low Power Single Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS271ACDT データシート(HTML) 13 Page - STMicroelectronics

Back Button TS271ACDT Datasheet HTML 9Page - STMicroelectronics TS271ACDT Datasheet HTML 10Page - STMicroelectronics TS271ACDT Datasheet HTML 11Page - STMicroelectronics TS271ACDT Datasheet HTML 12Page - STMicroelectronics TS271ACDT Datasheet HTML 13Page - STMicroelectronics TS271ACDT Datasheet HTML 14Page - STMicroelectronics TS271ACDT Datasheet HTML 15Page - STMicroelectronics TS271ACDT Datasheet HTML 16Page - STMicroelectronics TS271ACDT Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13/17
Electrical Characteristics
TS271
Typical characteristics for ISET = 130µA
Figure 29. Supply current (each amplifier)
versus supply voltage
Figure 30. Input bias current versus free air
temperature
Figure 31. High level output voltage versus
high level output current
CC
SUPPLY VOLTAGE, V
(V)
4
8
12
16
1.0
0.8
0.6
0.4
0.2
0
amb
V
OCC
°
T= 25 C
A= 1
V= V
/ 2
25
50
75
100
125
amb
TEMPERATURE, T
( °C)
V
= 10V
V = 5V
CC
i
100
10
1
5
4
3
2
1
0
-10
-8
-6
-4
-2
0
OH
OUTPUT CURRENT, I
(mA)
amb
id
T
= 25 C
V
= 100mV
°
V
= 5V
V= 3V
CC
CC
Figure 32. High level output voltage versus
high level output current
Figure 33. Low level output voltage versus low
level output current
Figure 34. Low level output voltage versus low
level output current
20
16
12
8
4
0
-50
-40
-30
-20
-10
0
amb
id
°
T
= 25 C
V
= 100mV
V
= 16V
CC
CC
V
= 10V
OUTPUT CURRENT, I
(mA)
OH
1.0
0.8
0.6
0.4
0.2
amb
ic
id
T= 2 5 ° C
V
= 0.5V
V
= -1 00m V
V
=3 V
V= 5 V
CC
CC
01
2
3
O U T P U T CURR E N T , I
(m A )
OL
0
4
81 21 6
2 0
amb
id
i
T
= 25°C
V= 0 .5 V
V
= -1 00m V
V= 1 0 V
CC
V= 1 6 V
O U T P UT CU RRE NT , I
(m A )
OL
3
2
1
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17