データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS271ACD データシート(PDF) 15 Page - STMicroelectronics

部品番号 TS271ACD
部品情報  CMOS Programmable Low Power Single Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS271ACD データシート(HTML) 15 Page - STMicroelectronics

Back Button TS271ACD Datasheet HTML 9Page - STMicroelectronics TS271ACD Datasheet HTML 10Page - STMicroelectronics TS271ACD Datasheet HTML 11Page - STMicroelectronics TS271ACD Datasheet HTML 12Page - STMicroelectronics TS271ACD Datasheet HTML 13Page - STMicroelectronics TS271ACD Datasheet HTML 14Page - STMicroelectronics TS271ACD Datasheet HTML 15Page - STMicroelectronics TS271ACD Datasheet HTML 16Page - STMicroelectronics TS271ACD Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15/17
Package Mechanical Data
TS271
6 Package Mechanical Data
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
3.3
0.130
a1
0.7
0.028
B
1.39
1.65
0.055
0.065
B1
0.91
1.04
0.036
0.041
b
0.5
0.020
b1
0.38
0.5
0.015
0.020
D
9.8
0.386
E
8.8
0.346
e
2.54
0.100
e3
7.62
0.300
e4
7.62
0.300
F
7.1
0.280
I
4.8
0.189
L
3.3
0.130
Z
0.44
1.6
0.017
0.063
Plastic DIP-8 MECHANICAL DATA
P001F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17