データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS616 データシート(PDF) 33 Page - STMicroelectronics

部品番号 TS616
部品情報  Dual wide band operational amplifier with high output current
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616 データシート(HTML) 33 Page - STMicroelectronics

Back Button TS616_07 Datasheet HTML 28Page - STMicroelectronics TS616_07 Datasheet HTML 29Page - STMicroelectronics TS616_07 Datasheet HTML 30Page - STMicroelectronics TS616_07 Datasheet HTML 31Page - STMicroelectronics TS616_07 Datasheet HTML 32Page - STMicroelectronics TS616_07 Datasheet HTML 33Page - STMicroelectronics TS616_07 Datasheet HTML 34Page - STMicroelectronics TS616_07 Datasheet HTML 35Page - STMicroelectronics TS616_07 Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
TS616
Increasing the line level using active impedance matching
33/36
Figure 70.
Equivalent schematic - Ro is the synthesized impedance
Let us write Vo°=kVo, where k is the matching factor varying between 1 and 2. If we assume
that the current through R3 is negligible, we can calculate the output resistance, Ro:
After choosing the k factor, Rs will be equal to 1/2RL(k-1).
For a good impedance matching we assume that:
Equation 10
From Equation 9 and Equation 10, we derive:
Equation 11
By fixing an arbitrary value of R2, Equation 11 becomes:
Finally, the values of R2 and R3 allow us to extract R1 from Equation 6, so that:
Equation 12
with GL the required gain.
Table 6.
Components calculation for impedance matching implementation
GL (gain for the loaded system)
GL is fixed for the application requirements
GL= Vo/Vi= 0.5(1+2R2/R1+R2/R3)/(1-R2/R3)
R1
2R2/[2(1-R2/R3)GL-1-R2/R3]
R2 (= R4)
Arbitrarily fixed
R3 (= R5)
R2/(1-Rs/0.5RL)
Rs
0.5RL(k-1)
Load viewed by each driver
kRL/2
Ro
Vi.Gi
Iout
1/2
RL
Ro
kVoRL
RL
2Rs1
+
-----------------------------
=
Ro
1
2
---RL
=
R2
R3
--------
1
2Rs
RL
-----------
=
R3
R2
1
2Rs
RL
-----------
--------------------
=
R1
2R2
21
R2
R3
--------
⎝⎠
⎛⎞ GL 1
R2
R3
--------
-----------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36