データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1871ILT データシート(PDF) 16 Page - STMicroelectronics

部品番号 TS1871ILT
部品情報  1.8V input/output rail-to-rail Low power operational amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1871ILT データシート(HTML) 16 Page - STMicroelectronics

Back Button TS1871ILT Datasheet HTML 12Page - STMicroelectronics TS1871ILT Datasheet HTML 13Page - STMicroelectronics TS1871ILT Datasheet HTML 14Page - STMicroelectronics TS1871ILT Datasheet HTML 15Page - STMicroelectronics TS1871ILT Datasheet HTML 16Page - STMicroelectronics TS1871ILT Datasheet HTML 17Page - STMicroelectronics TS1871ILT Datasheet HTML 18Page - STMicroelectronics TS1871ILT Datasheet HTML 19Page - STMicroelectronics TS1871ILT Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Package mechanical data
TS1871-TS1872-TS1874
16/27
3
Package mechanical data
In order to meet environmental requirements, STMicroelectronics offers these devices in
ECOPACK® packages. These packages have a lead-free second level interconnect. The
category of second level interconnect is marked on the package and on the inner box label,
in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an STMicroelectronics
trademark. ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27