データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSV321ID データシート(PDF) 16 Page - STMicroelectronics

部品番号 TSV321ID
部品情報  General purpose input/output rail-to-rail low power operational amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV321ID データシート(HTML) 16 Page - STMicroelectronics

Back Button TSV321ID Datasheet HTML 11Page - STMicroelectronics TSV321ID Datasheet HTML 12Page - STMicroelectronics TSV321ID Datasheet HTML 13Page - STMicroelectronics TSV321ID Datasheet HTML 14Page - STMicroelectronics TSV321ID Datasheet HTML 15Page - STMicroelectronics TSV321ID Datasheet HTML 16Page - STMicroelectronics TSV321ID Datasheet HTML 17Page - STMicroelectronics TSV321ID Datasheet HTML 18Page - STMicroelectronics TSV321ID Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Package information
TSV321-TSV358-TSV324
16/19
3.6
SOT23-5 package mechanical data
Ref.
Dimensions
Millimeters
Mils
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
1.45
35.4
57.1
A1
0.00
0.15
0.00
5.9
A2
0.90
1.30
35.4
51.2
b
0.35
0.50
13.7
19.7
C
0.09
0.20
3.5
7.8
D
2.80
3.00
110.2
118.1
E
2.60
3.00
102.3
118.1
E1
1.50
1.75
59.0
68.8
e
0.95
37.4
e1
1.9
74.8
L
0.35
0.55
13.7
21.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19