データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ULQ2001A データシート(PDF) 5 Page - STMicroelectronics

部品番号 ULQ2001A
部品情報  Seven darlington array
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULQ2001A データシート(HTML) 5 Page - STMicroelectronics

  ULQ2001A Datasheet HTML 1Page - STMicroelectronics ULQ2001A Datasheet HTML 2Page - STMicroelectronics ULQ2001A Datasheet HTML 3Page - STMicroelectronics ULQ2001A Datasheet HTML 4Page - STMicroelectronics ULQ2001A Datasheet HTML 5Page - STMicroelectronics ULQ2001A Datasheet HTML 6Page - STMicroelectronics ULQ2001A Datasheet HTML 7Page - STMicroelectronics ULQ2001A Datasheet HTML 8Page - STMicroelectronics ULQ2001A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ULQ200XA/XD1
Maximum ratings
5/13
3
Maximum ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vo
Output voltage
50
V
Vin
Input voltage (for ULQ2003A/D1 - 2004A/D1)
30
V
Ic
Continuous collector current
500
mA
Ib
Continuous base current
25
mA
TA
Operating ambient temperature range
-40 to 105
° C
TSTG
Storage temperature range
-55 to 150
° C
TJ
Junction temperature
150
° C
Table 2.
Thermal Data
Symbol
Parameter
DIP-16
SO-16
Unit
RthJA
Thermal resistance junction-ambient, Max.
70
120
° C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13