| データシートサーチシステム |
|
TC7117A データシート(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC7117A データシート(HTML) 2 Page - Microchip Technology |
|
2 / 24 page ![]() TC7116/A/TC7117/A DS21457C-page 2 © 2006 Microchip Technology Inc. Package Type 33 34 35 36 37 38 39 13 10 9 8 7 COMMON V+ 18 19 20 21 23 24 VIN+ NC VIN- B2 6 543 1 44 2 22 43 42 41 40 25 26 27 28 32 14 CAZ 31 15 VBUFF 30 16 VINT E2 29 17 D3 11 12 NC C2 D2 F2 A2 TC7116CLW TC7116ACLW TC7117CLW TC7117ACLW TC7116CPL TC7116ACPL TC7117CPL TC7117ACPL V- CREF+ CREF- F1 G1 E1 BP/ GND 27 28 29 30 31 32 33 7 4 3 2 1 NC TC7116CKW TC7116ACKW TC7117CKW TC7117ACKW 12 13 14 15 17 18 G3 44 43 42 41 39 38 40 16 37 36 35 34 19 20 21 22 26 8 25 9 24 10 23 11 5 6 C3 OSC3 TEST NC NC HLDR NC OSC2 OSC1 A3 G3 POL AB4 E3 F3 B3 D1 C1 B1 40-Pin PDIP 40-Pin CERDIP 44-Pin PLCC 44-Pin PQFP 1 2 3 4 OSC1 5 6 7 8 9 10 11 12 TEST VREF+ COMMON CAZ HLDR D2 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 C2 B2 A2 F2 E2 D3 B3 F3 E3 AB4 (Minus Sign) (Minus Sign) 10's 100's 1000's (TC7116/7117) (TC7116A/TC7117A) (TC7116/7117) (TC7116A/TC7117A) 100's OSC2 OSC3 V+ CREF+ CREF- VIN+ VIN- VBUFF VINT V- G2 C3 A3 G3 BP/GND POL D1 C1 B1 A1 F1 G1 E1 1's TC7116IJL TC7116AIJL TC7117IJL TC7117AIJL 1 2 3 4 OSC1 5 6 7 8 9 10 11 12 TEST VREF+ COMMON CAZ HLDR D2 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 C2 B2 A2 F2 E2 D3 B3 F3 E3 AB4 10's 100's 1000's 100's OSC2 OSC3 V+ CREF+ CREF- VIN+ VIN- VBUFF VINT V- G2 C3 A3 G3 BP/GND POL D1 C1 B1 A1 F1 G1 E1 1's Note 1: NC = No internal connection. 2: Pins 9, 25, 40 and 56 are connected to the die substrate. The potential at these pins is approximately V+. No external connections should be made. |