データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9858/FDPCB データシート(PDF) 29 Page - Analog Devices

部品番号 AD9858/FDPCB
部品情報  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9858/FDPCB データシート(HTML) 29 Page - Analog Devices

Back Button AD9858/FDPCB Datasheet HTML 24Page - Analog Devices AD9858/FDPCB Datasheet HTML 25Page - Analog Devices AD9858/FDPCB Datasheet HTML 26Page - Analog Devices AD9858/FDPCB Datasheet HTML 27Page - Analog Devices AD9858/FDPCB Datasheet HTML 28Page - Analog Devices AD9858/FDPCB Datasheet HTML 29Page - Analog Devices AD9858/FDPCB Datasheet HTML 30Page - Analog Devices AD9858/FDPCB Datasheet HTML 31Page - Analog Devices AD9858/FDPCB Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
AD9858
Rev. C | Page 29 of 32
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-026-AED-HD
1
25
26
50
76
100
75
51
14.00 BSC SQ
16.00 BSC SQ
0.27
0.22
0.17
0.50 BSC
1.05
1.00
0.95
0.15
0.05
0.75
0.60
0.45
SEATING
PLANE
1.20
MAX
1
25
26
50
76
100
75
51
6.50
NOM
7°
3.5°
0°
COPLANARITY
0.08
0.20
0.09
TOP VIEW
(PINS DOWN)
BOTTOM VIEW
(PINS UP)
CONDUCTIVE
HEAT SINK
PIN 1
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 40. 100-Lead Thin Quad Flat Package, Exposed Pad [TQFP_EP]
(SV-100-1)
Dimensions shown in millimeters
WARNING
The TQFP_EP (thermal slug) must be attached to the ground plane or some other large metal mass for thermal transfer. Failure to do so
may cause excessive die temperature rise and damage to the device.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9858BSV
–40°C to +85°C
100-Lead TQFP_EP
SV-100-1
AD9858BSVZ1
–40°C to +85°C
100-Lead TQFP_EP
SV-100-1
AD9858/PCBZ1
Generic Evaluation Board
AD9858/FDPCB
Fractional Divide Evaluation Board
AD9858/TLPCBZ1
Translation Loop Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32