| データシートサーチシステム |
|
TCM809MEN データシート(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TCM809MEN データシート(HTML) 6 Page - Microchip Technology |
|
6 / 16 page ![]() TCM809/TCM810 DS21661D-page 6 © 2005 Microchip Technology Inc. 4.3 Controllers and Processors With Bidirectional I/O Pins Some microcontrollers have bidirectional reset pins. Depending on the current drive capability of the control- ler pin, an indeterminate logic level may result if there is a logic conflict. This can be avoided by adding a 4.7 k Ω resistor in series with the output of the TCM809/ TCM810 (Figure 4-3). If there are other components in the system that require a reset signal, they should be buffered so as not to load the reset line. If the other components are required to follow the reset I/O of the microcontroller, the buffer should be connected as shown with the solid line. FIGURE 4-3: Interfacing the TCM809 to a Bidirectional RESET I/O. TCM809 V DD RESET GND RESET GND Buffered RESET To Other System Components Micro- 4.7 k Ω controller Buffer PICmicro® |