| データシートサーチシステム |
|
MCP3301T-BI/MS データシート(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3301T-BI/MS データシート(HTML) 6 Page - Microchip Technology |
|
6 / 32 page ![]() MCP3301 DS21700C-page 6 © 2007 Microchip Technology Inc. 2.0 TYPICAL PERFORMANCE CURVES Note: Unless otherwise indicated, VDD = VREF = 5V, Full differential input configuration, VSS = 0V, fSAMPLE = 100 ksps, fCLK = 17*fSAMPLE, TA = 25°C. FIGURE 2-1: Integral Nonlinearity (INL) vs. Sample Rate. FIGURE 2-2: Integral Nonlinearity (INL) vs. V REF . FIGURE 2-3: Integral Nonlinearity (INL) vs. Code (Representative Part). FIGURE 2-4: Integral Nonlinearity (INL) vs. Sample Rate (VDD = 2.7V). FIGURE 2-5: Integral Nonlinearity (INL) vs. V REF (VDD = 2.7V). FIGURE 2-6: Integral Nonlinearity (INL) vs. Code (Representative Part, V DD = 2.7V). Note: The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. -1.0 -0.8 -0.6 -0.4 -0.2 0.0 0.2 0.4 0.6 0.8 1.0 050 100 150 200 Sample Rate (ksps) Positive INL Negative INL -2.0 -1.5 -1.0 -0.5 0.0 0.5 1.0 1.5 2.0 01 234 5 VREF (V) Positive INL Negative INL -1 -0.8 -0.6 -0.4 -0.2 0 0.2 0.4 0.6 0.8 1 -4096 -3072 -2048 -1024 0 1024 2048 3072 4096 Code -1 -0.8 -0.6 -0.4 -0.2 0 0.2 0.4 0.6 0.8 1 0 10203040506070 Sample Rate (ksps) Positive INL Negative INL VDD=VREF=2.7V -2.0 -1.5 -1.0 -0.5 0.0 0.5 1.0 1.5 2.0 0 0.5 1 1.5 2 2.5 3 VREF (V) Positive INL Negative INL VDD = 2.7V -1 -0.8 -0.6 -0.4 -0.2 0 0.2 0.4 0.6 0.8 1 -4096 -3072 -2048 -1024 0 1024 2048 3072 4096 Code VDD=VREF=2.7V FSAMPLE = 50 ksps |