データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP3301-CI/MS データシート(PDF) 23 Page - Microchip Technology

部品番号 MCP3301-CI/MS
部品情報  13-Bit Differential Input, Low Power A/D Converter with SPI??Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3301-CI/MS データシート(HTML) 23 Page - Microchip Technology

Back Button MCP3301-CI/MS Datasheet HTML 19Page - Microchip Technology MCP3301-CI/MS Datasheet HTML 20Page - Microchip Technology MCP3301-CI/MS Datasheet HTML 21Page - Microchip Technology MCP3301-CI/MS Datasheet HTML 22Page - Microchip Technology MCP3301-CI/MS Datasheet HTML 23Page - Microchip Technology MCP3301-CI/MS Datasheet HTML 24Page - Microchip Technology MCP3301-CI/MS Datasheet HTML 25Page - Microchip Technology MCP3301-CI/MS Datasheet HTML 26Page - Microchip Technology MCP3301-CI/MS Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
© 2007 Microchip Technology Inc.
DS21700C-page 23
MCP3301
8.0
PACKAGING INFORMATION
8.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available characters
for customer-specific information.
3
e
3
e
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example
:
8-Lead SOIC (150 mil)
Example
:
XXXXXXXX
XXXXYYWW
3301-B
I/PNNN
0725
3301-B
NNN
8-Lead MSOP
Example
:
XXXXXX
YWWNNN
3301C
725NNN
3
e
3
e
3
e
NNN
I/SN
0723



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32