データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCM809LEB713 データシート(PDF) 7 Page - Microchip Technology

部品番号 TCM809LEB713
部品情報  3-Pin Microcontroller Reset Monitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM809LEB713 データシート(HTML) 7 Page - Microchip Technology

Back Button TCM809LEB713 Datasheet HTML 3Page - Microchip Technology TCM809LEB713 Datasheet HTML 4Page - Microchip Technology TCM809LEB713 Datasheet HTML 5Page - Microchip Technology TCM809LEB713 Datasheet HTML 6Page - Microchip Technology TCM809LEB713 Datasheet HTML 7Page - Microchip Technology TCM809LEB713 Datasheet HTML 8Page - Microchip Technology TCM809LEB713 Datasheet HTML 9Page - Microchip Technology TCM809LEB713 Datasheet HTML 10Page - Microchip Technology TCM809LEB713 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© 2005 Microchip Technology Inc.
DS21661D-page 7
TCM809/TCM810
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
3-Pin SOT-23B
XXNN
Legend: XX...X
Customer-specific information*
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
Example:
Customer Specific Information Codes for:
TCM8xx =
Part Number
TCM809 TCM810
TCM8xxLENB
J1
K1
VNB
JZ
KZ
TCM8xxMENB
J2
K2
VNB
JY
KY
TCM8xxTENB
J3
K3
VNB
JX
KX
TCM8xxSENB
J4
K4
VNB
JV
KV
TCM8xxRENB
J5
K5
VNB
JU
KU
TCM8xxJ
ENB
J6
—
VNB
JT
KS
TCM8xxZENB
J7
K6
3-Pin SC-70
Top Side
Bottom Side
XXN
YWW
OR
XXNN
Example:
Customer Specific Information Codes for:
TCM8xx =
Part Number
TCM809 TCM810
TCM8xxL
ELB
J1
—
VLB
JZ
KZ
TCM8xxM
ELB
J2
—
VLB
JY
KY
TCM8xxT
ELB
J3
—
VLB
JX
KX
TCM8xxS
ELB
J4
—
VLB
JV
KV
TCM8xxR
ELB
J5
—
VLB
JU
KU
TCM8xxJ
ELB
J6
—
VLB
JT
KS
TCM8xxZ
ELB
J7
—
VLB
JS
KT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16