| データシートサーチシステム |
|
TCM810LEB713 データシート(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TCM810LEB713 データシート(HTML) 7 Page - Microchip Technology |
|
7 / 16 page ![]() © 2005 Microchip Technology Inc. DS21661D-page 7 TCM809/TCM810 5.0 PACKAGING INFORMATION 5.1 Package Marking Information 3-Pin SOT-23B XXNN Legend: XX...X Customer-specific information* Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e Example: Customer Specific Information Codes for: TCM8xx = Part Number TCM809 TCM810 TCM8xxLENB J1 K1 VNB JZ KZ TCM8xxMENB J2 K2 VNB JY KY TCM8xxTENB J3 K3 VNB JX KX TCM8xxSENB J4 K4 VNB JV KV TCM8xxRENB J5 K5 VNB JU KU TCM8xxJ ENB J6 — VNB JT KS TCM8xxZENB J7 K6 3-Pin SC-70 Top Side Bottom Side XXN YWW OR XXNN Example: Customer Specific Information Codes for: TCM8xx = Part Number TCM809 TCM810 TCM8xxL ELB J1 — VLB JZ KZ TCM8xxM ELB J2 — VLB JY KY TCM8xxT ELB J3 — VLB JX KX TCM8xxS ELB J4 — VLB JV KV TCM8xxR ELB J5 — VLB JU KU TCM8xxJ ELB J6 — VLB JT KS TCM8xxZ ELB J7 — VLB JS KT |