| データシートサーチシステム |
|
TCM809MEB713 データシート(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TCM809MEB713 データシート(HTML) 4 Page - Microchip Technology |
|
4 / 16 page ![]() TCM809/TCM810 DS21661D-page 4 © 2005 Microchip Technology Inc. 3.0 PIN DESCRIPTIONS The descriptions of the pins are given in Table 3-1. TABLE 3-1: PIN FUNCTION TABLE 3.1 Ground (GND) Ground terminal. 3.2 RESET Output (TCM809) The RESET push-pull output remains low while VDD is below the reset voltage threshold, and for 240 msec (140 msec min.) after VDD rises above reset threshold. 3.3 RESET Output (TCM810) The RESET push-pull output remains high while VDD is below the reset voltage threshold, and for 240 msec (140 msec min.) after VDD rises above reset threshold. 3.4 Supply Voltage (VDD) VDD: +2.5V, +3.0V, +3.3V and +5.0V NAME FUNCTION GND Ground RESET (TCM809) RESET push-pull output RESET (TCM810) RESET push-pull output VDD Supply voltage (+2.5V, +3.0V, +3.3V, +5.0V). |