| データシートサーチシステム |
|
MCP6541-E/P データシート(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6541-E/P データシート(HTML) 15 Page - Microchip Technology |
|
15 / 40 page ![]() © 2007 Microchip Technology Inc. DS21730F-page 15 MCP201 Bus Interface VIHLBUS High-level Input Voltage (LBUS) 0.6 VBAT — 18 V Recessive state VILLBUS Low-level Input Voltage (LBUS) -8 — 0.4 VBAT V Dominant state VHYS Input Hysteresis 0.05 VBAT — 0.1 VBAT VVIH - VIL IOL Low-level Output Current (LBUS) 40 — 200 mA Output voltage = 0.1 VBAT, VBAT = 12V IO High-level Output Current (LBUS) -20 — 20 µA VBUS ≥ VBAT, VLBUS < 40V IP Pull-up Current on Input (LBUS) -180 — -60 µA Approx. 30 k Ω internal pull-up @ VIH = 0.7 VBAT ISC Short-circuit Current-Limit 50 — 200 mA (Note 1) VOH High-level Output Voltage (LBUS) 0.8 VBAT —— V VOL Low-level Output Voltage (LBUS) —— 0.2 VBAT V Voltage Regulator VREG Output Voltage 4.75 — 5.25 V 0 mA > IOUT > 50 mA, 7.0V < VBAT < 18V VREG1 Output Voltage 4.4 — 5.25 V 0 mA > IOUT > 50 mA, 6.0V < VBAT < 7.0V ΔVREG1 Line Regulation — 10 50 mV IOUT = 1 mA, 7.0V < VBAT < 18V ΔVREG2 Load Regulation — 10 50 mV 5 mA < IOUT < 50 mA, VBAT = Constant VN Output Noise Voltage — — 400 µVRMS 1VRMS @ 10 Hz - 100 kHz VSD Shutdown Voltage (monitoring VREG) 3.5 — 4.0 V See Figure 1-4 VON Input Voltage to Turn On Output (monitoring VBAT) 5.5 — 6.0 V 2.2 DC Specifications (Continued) DC Specifications Electrical Characteristics: Unless otherwise indicated, all limits are specified for: VBAT = 6.0V to 18.0V TAMB = -40°C to +125°C CLOADREG = 10 µF Sym. Parameter Min. Typ. Max. Units Conditions Note 1: Internal current limited. 2.0 ms typical recovery time (RLBUS = 0 Ω, TX = 0.4 VREG, VLBUS = VBAT, TAMB = 25C. Recovery time highly dependent on ambient temperature, package and thermal resistance). 2: For design guidance only, not tested. 3: This current is at the VBAT pin. 4: The maximum power dissipation is a function of TJMAX, ΘJA and ambient temperature TA. The maximum allowable power dissipation at an ambient temperature is PD = (TJMAX - TA) ΘJA. If this dissipation is exceeded, the die temperature will rise above 150 °C and the MCP201 will go into thermal shutdown. |