| データシートサーチシステム |
|
MCP6541R-I/P データシート(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6541R-I/P データシート(HTML) 18 Page - Microchip Technology |
|
18 / 34 page ![]() MCP6541/1R/1U/2/3/4 DS21696E-page 18 © 2006 Microchip Technology Inc. 4.10 Typical Applications 4.10.1 PRECISE COMPARATOR Some applications require higher DC precision. An easy way to solve this problem is to use an amplifier (such as the MCP6041) to gain-up the input signal before it reaches the comparator. Figure 4-11 shows an example of this approach. FIGURE 4-11: Precise Inverting Comparator. 4.10.2 WINDOWED COMPARATOR Figure 4-12 shows one approach to designing a win- dowed comparator. The AND gate produces a logic ‘1’ when the input voltage is between VRB and VRT (where VRT > VRB). FIGURE 4-12: Windowed Comparator. 4.10.3 BISTABLE MULTI-VIBRATOR A simple bistable multi-vibrator design is shown in Figure 4-13. VREF needs to be between the power supplies (VSS = GND and VDD) to achieve oscillation. The output duty cycle changes with VREF. FIGURE 4-13: Bistable Multi-vibrator. VREF VDD VDD R1 R2 VOUT VIN VREF MCP6041 MCP654X VRT MCP6542 VRB VIN 1/2 MCP6542 1/2 MCP6541 VDD R1 R2 R3 VREF C1 VOUT |