データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LP2981 データシート(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
部品番号 LP2981
部品情報  100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LP2981 データシート(HTML) 12 Page - Texas Instruments

Back Button LP2981 Datasheet HTML 7Page - Texas Instruments LP2981 Datasheet HTML 8Page - Texas Instruments LP2981 Datasheet HTML 9Page - Texas Instruments LP2981 Datasheet HTML 10Page - Texas Instruments LP2981 Datasheet HTML 11Page - Texas Instruments LP2981 Datasheet HTML 12Page - Texas Instruments LP2981 Datasheet HTML 13Page - Texas Instruments LP2981 Datasheet HTML 14Page - Texas Instruments LP2981 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Device
Package Pins
Site
Reel
Diameter
(mm)
Reel
Width
(mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LP2981-28DBVR
DBV
5
LEN
180
9
3.15
3.2
1.4
4
8
Q3
LP2981-28DBVT
DBV
5
LEN
180
9
3.15
3.2
1.4
4
8
Q3
LP2981-30DBVR
DBV
5
LEN
180
9
3.15
3.2
1.4
4
8
Q3
LP2981-30DBVT
DBV
5
LEN
180
9
3.15
3.2
1.4
4
8
Q3
LP2981-33DBVR
DBV
5
LEN
180
9
3.15
3.2
1.4
4
8
Q3
LP2981-33DBVT
DBV
5
LEN
180
9
3.15
3.2
1.4
4
8
Q3
LP2981A-28DBVR
DBV
5
LEN
180
9
3.15
3.2
1.4
4
8
Q3
LP2981A-28DBVT
DBV
5
LEN
180
9
3.15
3.2
1.4
4
8
Q3
LP2981A-30DBVR
DBV
5
LEN
180
9
3.15
3.2
1.4
4
8
Q3
LP2981A-30DBVT
DBV
5
LEN
180
9
3.15
3.2
1.4
4
8
Q3
LP2981A-33DBVR
DBV
5
LEN
180
9
3.15
3.2
1.4
4
8
Q3
LP2981A-33DBVT
DBV
5
LEN
180
9
3.15
3.2
1.4
4
8
Q3
TAPE AND REEL BOX INFORMATION
Device
Package
Pins
Site
Length (mm)
Width (mm)
Height (mm)
LP2981-28DBVR
DBV
5
LEN
182.0
182.0
20.0
LP2981-28DBVT
DBV
5
LEN
182.0
182.0
20.0
LP2981-30DBVR
DBV
5
LEN
182.0
182.0
20.0
LP2981-30DBVT
DBV
5
LEN
182.0
182.0
20.0
LP2981-33DBVR
DBV
5
LEN
182.0
182.0
20.0
LP2981-33DBVT
DBV
5
LEN
182.0
182.0
20.0
LP2981A-28DBVR
DBV
5
LEN
182.0
182.0
20.0
LP2981A-28DBVT
DBV
5
LEN
182.0
182.0
20.0
LP2981A-30DBVR
DBV
5
LEN
182.0
182.0
20.0
PACKAGE MATERIALS INFORMATION
www.ti.com
18-Aug-2007
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15