| データシートサーチシステム |
|
MCP6546RT-E/MS データシート(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6546RT-E/MS データシート(HTML) 9 Page - Microchip Technology |
|
9 / 32 page ![]() © 2006 Microchip Technology Inc. DS21714E-page 9 MCP6546/6R/6U/7/8/9 Note: Unless otherwise indicated, VDD = +1.6V to +5.5V, VSS = GND, TA = +25°C, VIN+=VDD/2, VIN– = GND, RPU =2.74kΩ to VPU =VDD, and CL =36pF. FIGURE 2-25: High-to-Low Propagation Delay. FIGURE 2-26: Propagation Delay Skew. FIGURE 2-27: Propagation Delay vs. Power Supply Voltage. FIGURE 2-28: Low-to-High Propagation Delay. FIGURE 2-29: Propagation Delay vs. Ambient Temperature. FIGURE 2-30: Propagation Delay vs. Input Overdrive. 0% 5% 10% 15% 20% 25% 30% 35% 40% 45% 50% 012 345678 High-to-Low Propagation Delay (µs) 408 Samples 100 mV Overdrive VCM = VDD/2 VDD = 5.5V VDD = 1.6V 0% 5% 10% 15% 20% 25% 30% 35% 40% 45% 50% Propagation Delay Skew (µs) 408 Samples 100 mV Overdrive VCM = VDD/2 VDD = 1.6V VDD = 5.5V 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 1.52.0 2.53.0 3.54.0 4.55.0 5.5 Power Supply Voltage (V) VCM = VDD/2 tPHL 10 mV Overdrive 100 mV Overdrive tPLH 0% 5% 10% 15% 20% 25% 30% 35% 40% 45% 50% 55% 60% 65% 012345 6 7 8 Low-to-High Propagation Delay (µs) 408 Samples 100 mV Overdrive VCM = VDD/2 VDD = 5.5V VDD = 1.6V 0 1 2 3 4 5 6 7 8 -50 -25 0 25 50 75 100 125 Ambient Temperature (°C) 100 mV Overdrive VCM = VDD/2 tPHL tPLH VDD = 5.5V VDD = 1.6V 1 10 100 1 10 100 1000 Input Overdrive (mV) VCM = VDD/2 tPLH VDD = 5.5V tPHL VDD = 1.6V |