| データシートサーチシステム |
|
MCP6002-E/MS データシート(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6002-E/MS データシート(HTML) 22 Page - Microchip Technology |
|
22 / 28 page ![]() MCP6001/2/4 DS21733F-page 22 © 2005 Microchip Technology Inc. 14-Lead Plastic Thin Shrink Small Outline (ST) – 4.4 mm (TSSOP) 8 4 0 8 4 0 φ Foot Angle 10 5 0 10 5 0 β Mold Draft Angle Bottom 10 5 0 10 5 0 α Mold Draft Angle Top 0.30 0.25 0.19 .012 .010 .007 B1 Lead Width 0.20 0.15 0.09 .008 .006 .004 c Lead Thickness 0.70 0.60 0.50 .028 .024 .020 L Foot Length 5.10 5.00 4.90 .201 .197 .193 D Molded Package Length 4.50 4.40 4.30 .177 .173 .169 E1 Molded Package Width 6.50 6.38 6.25 .256 .251 .246 E Overall Width 0.15 0.10 0.05 .006 .004 .002 A1 Standoff § 0.95 0.90 0.85 .037 .035 .033 A2 Molded Package Thickness 1.10 .043 A Overall Height 0.65 .026 p Pitch 14 14 n Number of Pins MAX NOM MIN MAX NOM MIN Dimension Limits MILLIMETERS* INCHES Units L β c φ 2 1 D n B p E1 E α A2 A1 A * Controlling Parameter Notes: Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .005” (0.127mm) per side. JEDEC Equivalent: MO-153 Drawing No. C04-087 § Significant Characteristic |