| データシートサーチシステム |
|
25LC160A データシート(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
25LC160A データシート(HTML) 21 Page - Microchip Technology |
|
21 / 24 page ![]() © 2006 Microchip Technology Inc. DS21807C-page 21 25XX160A/B PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. X /XX X Lead Package Tape & Reel Device Device: 25AA160A 25AA160B 25LC160A 25LC160B 16 Kbit, 1.8V, 16 Byte Page SPI Serial EEPROM 16 Kbit, 1.8V, 32 Byte Page SPI Serial EEPROM 16 Kbit, 2.5V, 16 Byte Page SPI Serial EEPROM 16 Kbit, 2.5V, 32 Byte Page SPI Serial EEPROM Tape & Reel: Blank = T= Standard packaging Tape & Reel Temperature Range: I= E= -40 °C to+85°C -40 °C to+125°C Package: MS = P= SN = ST = Plastic MSOP (Micro Small Outline), 8-lead Plastic DIP (300 mil body), 8-lead Plastic SOIC (150 mil body), 8-lead TSSOP, 8-lead Lead Finish: Blank = G= Pb-free – Matte Tin (see Note 1) Pb-free – Matte Tin only Examples: a) 25AA160A-I/MS = 16 Kbit, 16-byte page, 1.8V Serial EEPROM, Industrial temp., MSOP package b) 25AA160AT-I/SN = 16 Kbit, 16-byte page, 1.8V Serial EEPROM, Industrial temp., Tape & Reel, SOIC package c) 25LC160BT-I/SN = 16 Kbit, 32-byte page, 2.5V Serial EEPROM, Industrial temp., Tape & Reel, SOIC package d) 25LC160BT-I/ST = 16 Kbit, 32-byte page, 2.5V Serial EEPROM, Industrial temp., Tape & Reel, TSSOP package – Finish Note 1: Most products manufactured after January 2005 will have a Matte Tin (Pb-free) finish. Most products manufactured before January 2005 will have a finish of approximately 63% Sn and 37% Pb (Sn/Pb). Please visit www.microchip.com for the latest information on Pb-free conversion, including conversion date codes. X Temp Range |