データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP6549T-E/MS データシート(PDF) 27 Page - Microchip Technology

部品番号 MCP6549T-E/MS
部品情報  Open-Drain Output Sub-Microamp Comparators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6549T-E/MS データシート(HTML) 27 Page - Microchip Technology

Back Button MCP6549T-E/MS Datasheet HTML 23Page - Microchip Technology MCP6549T-E/MS Datasheet HTML 24Page - Microchip Technology MCP6549T-E/MS Datasheet HTML 25Page - Microchip Technology MCP6549T-E/MS Datasheet HTML 26Page - Microchip Technology MCP6549T-E/MS Datasheet HTML 27Page - Microchip Technology MCP6549T-E/MS Datasheet HTML 28Page - Microchip Technology MCP6549T-E/MS Datasheet HTML 29Page - Microchip Technology MCP6549T-E/MS Datasheet HTML 30Page - Microchip Technology MCP6549T-E/MS Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
© 2006 Microchip Technology Inc.
DS21714E-page 27
MCP6546/6R/6U/7/8/9
APPENDIX A: REVISION HISTORY
Revision E (September 2006)
The following is the list of modifications:
1.
Added MCP6546U pinout for the SOT-23-5
package.
2.
Clarified Absolute Maximum Analog Input
Voltage and Current Specifications.
3.
Added
applications
writeups
on
unused
comparators.
4.
Added disclaimer to package outline drawings.
Revision D (May 2006)
The following is the list of modifications:
1.
Added E-temp parts.
2.
Changed minimum pull-up voltage specification
(VPU) to 1.6V for parts starting Dec. 2004 (week
code 52); previous parts are specified at a
minimum of VDD.
3.
Changed VHYST temperature specifications to
linear and quadratic temperature coefficients.
4.
Changed specifications and plots to include E-
Temp parts.
5.
Added Section 3.0 “Pin Descriptions”.
6.
Corrected package markings (Section 5.1
“Package Marking Information”).
7.
Added Appendix A: “Revision History”.
Revision C (May 2003)
Revision B (December 2002)
Revision A (February 2002)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32