| データシートサーチシステム |
|
MCP2140 データシート(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2140 データシート(HTML) 25 Page - Microchip Technology |
|
25 / 38 page ![]() © 2007 Microchip Technology Inc. Preliminary DS21894C-page 25 MCP2122 FIGURE 4-7: 16XCLK AND THE TX AND TXIR WAVEFORMS TABLE 4-7: TX AND TXIR REQUIREMENTS AC Characteristics Standard Operating Conditions (unless otherwise specified) Operating Temperature: –40 °C ≤ TA ≤ +125°C (Extended) Operating Voltage VDD range is described in Section 4.1 “DC Characteristics”. Param. No. Symbol Characteristic Min Typ (1) Max Units Conditions IR113 TTXRF TX pin rise time and fall time — — 25 ns Note 2 IR114 TTXJ TX to 16XCLK jitter — — 1 TXCLK Note 2 IR120 TTXL2TXIRH TX falling edge ( ↓) to TXIR rising edge ( ↑) (1) 7— 8 TXCLK TTXIRPW TXIR pulse width Smaller of Smaller of IR121A 3 — 3 TXCLK At 115200 baud IR121B 1.41 3.5 5 µs At 9600 baud (Note 3) IR122 TTXIRP TXIR bit period — 16 — TXCLK 20C TTXIRR TXIR pin rise time — 10 25 ns VDD ≥ 2.7V (Note 2) 20D — 10 60 ns VDD = 1.8V (Note 2) 21C TTXIRF TXIR pin fall time — 10 25 ns Note 2 Note 1: Data in the Typical (“Typ”) column is at 5V, +25 °C, unless otherwise stated. These parameters are for design guidance only and are not tested. 2: These parameters (shaded) are characterized but are not tested. These values should be used for design guidance only. 3: This specification is not tested. This value is from the design target 16XCLK 01 Data bit x Data bit x+1 16 CLK 16 CLK Bit Value to TX IR121A 6 CLK TXIRI (3 * 16XCLK pulses) IR113 IR122 IR113 IR114 IR115 TXIR Time Out IR121C TXIR pin IR124 IR123 IR121B |