データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

93LC66CT-E/MSG データシート(PDF) 8 Page - Microchip Technology

部品番号 93LC66CT-E/MSG
部品情報  4K Microwire Compatible Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC66CT-E/MSG データシート(HTML) 8 Page - Microchip Technology

Back Button 93LC66CT-E/MSG Datasheet HTML 4Page - Microchip Technology 93LC66CT-E/MSG Datasheet HTML 5Page - Microchip Technology 93LC66CT-E/MSG Datasheet HTML 6Page - Microchip Technology 93LC66CT-E/MSG Datasheet HTML 7Page - Microchip Technology 93LC66CT-E/MSG Datasheet HTML 8Page - Microchip Technology 93LC66CT-E/MSG Datasheet HTML 9Page - Microchip Technology 93LC66CT-E/MSG Datasheet HTML 10Page - Microchip Technology 93LC66CT-E/MSG Datasheet HTML 11Page - Microchip Technology 93LC66CT-E/MSG Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
DS21795C-page 8
© 2005 Microchip Technology Inc.
2.5
Erase All (ERAL)
The Erase All (ERAL) instruction will erase the entire
memory array to the logical ‘1’ state. The ERAL cycle
is identical to the erase cycle, except for the different
opcode. The ERAL cycle is completely self-timed and
commences at the falling edge of the CS, except on
‘93C’ devices where the rising edge of CLK before the
last data bit initiates the write cycle. Clocking of the
CLK pin is not necessary after the device has entered
the ERAL cycle.
The DO pin indicates the Ready/Busy status of the
device, if CS is brought high after a minimum of 250 ns
low (TCSL).
Note:
Issuing a Start bit and then taking CS low
will clear the Ready/Busy status from DO.
VCC must be
≥ 4.5V for proper operation of ERAL.
FIGURE 2-3:
ERAL TIMING FOR 93AA AND 93LC DEVICES
FIGURE 2-4:
ERAL TIMING FOR 93C DEVICES
CS
CLK
DI
DO
TCSL
Check Status
10
0
1
0
x
•••
x
TSV
TCZ
Busy
Ready
High-Z
TEC
High-Z
VCC must be
≥ 4.5V for proper operation of ERAL.
CS
CLK
DI
DO
TCSL
Check Status
10
0
1
0
x
•••
x
TSV
TCZ
Busy
Ready
High-Z
TEC
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28