データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP6271R-E/MS データシート(PDF) 18 Page - Microchip Technology

部品番号 MCP6271R-E/MS
部品情報  170 關A, 2 MHz Rail-to-Rail Op Amp
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6271R-E/MS データシート(HTML) 18 Page - Microchip Technology

Back Button MCP6271R-E/MS Datasheet HTML 14Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 15Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 16Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 17Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 18Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 19Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 20Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 21Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
MCP6271/1R/2/3/4/5
DS21810E-page 18
© 2006 Microchip Technology Inc.
5.0
DESIGN TOOLS
Microchip provides the basic design tools needed for
the MCP6271/1R/2/3/4/5 family of op amps.
5.1
SPICE Macro Model
The
latest
SPICE
macro
model
for
the
MCP6271/1R/2/3/4/5 op amps is available on our web
site at www.microchip.com. This model is intended to
be an initial design tool that works well in the op amp’s
linear region of operation at room temperature. See the
macro model file for information on its capabilities.
Bench testing is a very important part of any design and
cannot be replaced with simulations. Also, simulation
results using this macro model need to be validated by
comparing them to the data sheet specifications and
characteristic curves.
5.2
FilterLab® Software
Microchip’s FilterLab software is an innovative tool that
simplifies analog active filter (using op amps) design. It
is available free of charge from our web site at
www.microchip.com. The FilterLab software tool
provides full schematic diagrams of the filter circuit with
component values. It also outputs the filter circuit in
SPICE format, which can be used with the macro
model to simulate actual filter performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34