データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP23008-E/P データシート(PDF) 19 Page - Microchip Technology

部品番号 MCP23008-E/P
部品情報  8-Bit I/O Expander with Serial Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23008-E/P データシート(HTML) 19 Page - Microchip Technology

Back Button MCP23008-E/P Datasheet HTML 15Page - Microchip Technology MCP23008-E/P Datasheet HTML 16Page - Microchip Technology MCP23008-E/P Datasheet HTML 17Page - Microchip Technology MCP23008-E/P Datasheet HTML 18Page - Microchip Technology MCP23008-E/P Datasheet HTML 19Page - Microchip Technology MCP23008-E/P Datasheet HTML 20Page - Microchip Technology MCP23008-E/P Datasheet HTML 21Page - Microchip Technology MCP23008-E/P Datasheet HTML 22Page - Microchip Technology MCP23008-E/P Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
© 2007 Microchip Technology Inc.
DS21919D-page 19
MCP23008/MCP23S08
1.6.10
PORT (GPIO) REGISTER
The GPIO register reflects the value on the port.
Reading from this register reads the port. Writing to this
register modifies the Output Latch (OLAT) register.
REGISTER 1-10:
GPIO – GENERAL PURPOSE I/O PORT REGISTER (ADDR 0x09)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
GP7
GP6
GP5
GP4
GP3
GP2
GP1
GP0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
GP7:GP0: These bits reflect the logic level on the pins <7:0>
1 = Logic-high.
0 = Logic-low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44