| データシートサーチシステム |
|
MCP4021 データシート(PDF) 35 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4021 データシート(HTML) 35 Page - Microchip Technology |
|
35 / 64 page ![]() © 2006 Microchip Technology Inc. DS21945E-page 35 MCP4021/2/3/4 5.2.6 HIGH-VOLTAGE INCREMENT AND DISABLE WiperLock TECHNOLOGY This mode is achieved by initializing the U/D pin to a high state (VIH) prior to the CS pin being driven to VIHH. Subsequent rising edges of the U/D pin increment the wiper setting toward terminal A. Set the U/D pin to the high state (VIH) prior to forcing the CS pin to VIH. This begins a write cycle and disables the WiperLock Technology feature (See Figure 5-6). After the CS pin is driven to VIH (from VIHH), all other serial commands are ignored until the EEPROM write cycle (tWC) completes. FIGURE 5-6: High-Voltage Increment and Disable WiperLock™ Technology. Note: The wiper value will not overflow. That is, once the wiper value equals 0x3F, subsequent increment commands are ignored. EEPROM U/D CS Wiper 1 2 3 4 WiperLock™ Technology WiperLock Technology Enable WiperLock Technology Disable X+1 X X+2 X+3 X+4 X XX X X X+4 VIHH VIH VIH VIH 5 6 VIL VIH tWC |