| データシートサーチシステム |
|
MCP23008T-E/SS データシート(PDF) 41 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP23008T-E/SS データシート(HTML) 41 Page - Microchip Technology |
|
41 / 44 page ![]() © 2007 Microchip Technology Inc. DS21919D-page 41 MCP23008/MCP23S08 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device MCP23008: 8-Bit I/O Expander w/ I2C™ Interface MCP23008T: 8-Bit I/O Expander w/ I2C Interface (Tape and Reel) MCP23S08: 8-Bit I/O Expander w/ SPI Interface MCP23S08T: 8-Bit I/O Expander w/ SPI Interface (Tape and Reel) Temperature Range E= -40 °C to +125°C (Extended) * * While these devices are only offered in the “E” temperature range, the device will operate at different voltages and temperatures as identified in the Section 2.0 “Electrical Characteristics”. Package ML = Plastic Quad Flat, No Lead Package 4x4x0.9 mm Body (QFN), 20-Lead P = Plastic DIP (300 mil Body), 18-Lead SO = Plastic SOIC (300 mil Body), 18-Lead SS = SSOP, (209 mil Body, 5.30 mm), 20-Lead PART NO. X /XX Package Temperature Range Device Examples: a) MCP23008-E/P: Extended Temp., 18LD PDIP package. b) MCP23008-E/SO: Extended Temp., 18LD SOIC package. c) MCP23008T-E/SO: Tape and Reel, Extended Temp., 18LD SOIC package. d) MCP23008-E/SS: Extended Temp., 20LD SSOP package. e) MCP23008T-E/SS: Tape and Reel, Extended Temp., 20LD SSOP package. f) MCP23008-E/ML: Extended Temp., 20LD QFN package. a) MCP23S08-E/P: Extended Temp., 18LD PDIP package. b) MCP23S08-E/SO: Extended Temp., 18LD SOIC package. c) MCP23S08T-E/SO: Tape and Reel, Extended Temp., 18LD SOIC package. d) MCP23S08-E/SS: Extended Temp., 20LD SSOP package. e) MCP23S08T-E/SS: Tape and Reel, Extended Temp., 20LD SSOP package. f) MCP23S08T-E/MF: Tape and Reel, Extended Temp., 20LD QFN package. – |