データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP23S08T-E/SS データシート(PDF) 13 Page - Microchip Technology

部品番号 MCP23S08T-E/SS
部品情報  8-Bit I/O Expander with Serial Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23S08T-E/SS データシート(HTML) 13 Page - Microchip Technology

Back Button MCP23S08T-E/SS Datasheet HTML 9Page - Microchip Technology MCP23S08T-E/SS Datasheet HTML 10Page - Microchip Technology MCP23S08T-E/SS Datasheet HTML 11Page - Microchip Technology MCP23S08T-E/SS Datasheet HTML 12Page - Microchip Technology MCP23S08T-E/SS Datasheet HTML 13Page - Microchip Technology MCP23S08T-E/SS Datasheet HTML 14Page - Microchip Technology MCP23S08T-E/SS Datasheet HTML 15Page - Microchip Technology MCP23S08T-E/SS Datasheet HTML 16Page - Microchip Technology MCP23S08T-E/SS Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
© 2007 Microchip Technology Inc.
DS21919D-page 13
MCP23008/MCP23S08
1.6.4
DEFAULT COMPARE (DEFVAL)
REGISTER FOR INTERRUPT-ON-
CHANGE
The default comparison value is configured in the
DEFVAL register. If enabled (via GPINTEN and
INTCON) to compare against the DEFVAL register, an
opposite value on the associated pin will cause an
interrupt to occur.
REGISTER 1-4:
DEFVAL – DEFAULT VALUE REGISTER (ADDR 0x03)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
DEF7
DEF6
DEF5
DEF4
DEF3
DEF2
DEF1
DEF0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
DEF7:DEF0: These bits set the compare value for pins configured for interrupt-on-change from
defaults <7:0>. Refer to INTCON.
If the associated pin level is the opposite from the register bit, an interrupt occurs.
Refer to INTCON and GPINTEN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44