| データシートサーチシステム |
|
24LC256-I/P データシート(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24LC256-I/P データシート(HTML) 39 Page - Microchip Technology |
|
39 / 42 page ![]() © 2007 Microchip Technology Inc. DS21930B-page 39 24AAXX/24LCXX/24FCXX PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. PART NO. X /XX Package Temperature Range Device Part Examples: a) 24AA014-I/SN: 1 Kbit, Industrial Temperature, 1.7V, SOIC package b) 24AA02T-I/OT: 2 Kbit, Industrial Temperature, 1.7V, SOT-23 package, Tape and Reel c) 24LC16B-I/P: 16 Kbit, Industrial Tempera- ture, 2.5V, PDIP package d) 24LC32A-E/MS: 32 Kbit, Extended Temperature, 2.5V, MSOP package e) 24LC64T-I/MC: 64 Kbit, Industrial Temperature, 2.5V 2x3 mm DFN package, Tape and Reel f) 24FC512T-I/SM: 512 Kbit, Industrial Temperature, 1 MHz, SOIC package, Tape and Reel Device: See Table 1-1 Temperature Range: I = -40°C to +85°C E = -40°C to +125°C Packaging Medium: T = Tape and Reel Blank = Tube Package: P = Plastic DIP (300 mil body), 8-lead SN = Plastic SOIC (3.90 mm body), 8-lead SM = Plastic SOIC (208 mil body), 8-lead ST = Plastic TSSOP (4.4 mm), 8-lead MS = Plastic Micro Small Outline (MSOP), 8-lead OT = SOT-23, 5-lead (Tape and Reel only) MC = 2x3 mm DFN, 8-lead MF = 5x6 mm DFN, 8-lead Number (Table 1-1) X Packaging Medium |