| データシートサーチシステム |
|
MCP6541-I/ST データシート(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6541-I/ST データシート(HTML) 19 Page - Microchip Technology |
|
19 / 34 page ![]() © 2006 Microchip Technology Inc. DS21696E-page 19 MCP6541/1R/1U/2/3/4 5.0 PACKAGING INFORMATION 5.1 Package Marking Information XXXXXXXX XXXXXNNN YYWW 8-Lead PDIP (300 mil) Example : 8-Lead SOIC (150 mil) Example : XXXXXXXX XXXXYYWW NNN MCP6541 I/P256 0636 MCP6542 I/SN0636 256 8-Lead MSOP Example : XXXXXX YWWNNN 6543I 636256 5-Lead SOT-23 (MCP6541, MCP6541R, MCP6541U) Example: XXNN AB25 5-Lead SC-70 (MCP6541) Example: XXNN Front) YWW (Back) AB25 Front) 636 (Back) Device I-Temp Code E-Temp Code MCP6541 ABNN GTNN MCP6541R AGNN GUNN MCP6541U — ATNN Note: Applies to 5-Lead SOT-23 Device I-Temp Code E-Temp Code MCP6541U ABNN Note 2 Note 1: I-Temp parts prior to March 2005 are marked “ABN” 2: SC-70-5 E-Temp parts not available at this release of this data sheet. Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e MCP6541 E/P^^256 0636 MCP6541E SN^^0636 256 OR OR 3 e 3 e |