| データシートサーチシステム |
|
MCP23017T-E/ML データシート(PDF) 27 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP23017T-E/ML データシート(HTML) 27 Page - Microchip Technology |
|
27 / 48 page ![]() © 2007 Microchip Technology Inc. DS21952B-page 27 MCP23017/MCP23S17 2.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings † Ambient temperature under bias.............................................................................................................-40°C to +125°C Storage temperature ...............................................................................................................................-65°C to +150°C Voltage on VDD with respect to VSS .......................................................................................................... -0.3V to +5.5V Voltage on all other pins with respect to VSS (except VDD)............................................................. -0.6V to (VDD + 0.6V) Total power dissipation (Note) .............................................................................................................................700 mW Maximum current out of VSS pin ...........................................................................................................................150 mA Maximum current into VDD pin ..............................................................................................................................125 mA Input clamp current, IIK (VI < 0 or VI > VDD) ...................................................................................................................... ±20 mA Output clamp current, IOK (VO < 0 or VO > VDD) .............................................................................................................. ±20 mA Maximum output current sunk by any output pin ....................................................................................................25 mA Maximum output current sourced by any output pin ...............................................................................................25 mA Note: Power dissipation is calculated as follows: PDIS = VDD x {IDD - ∑ IOH} + ∑ {(VDD - VOH) x IOH} + ∑(VOL x IOL) † NOTE: The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., out- side specified power supply range) and therefore outside the warranted range. |