データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP6541-E/ST データシート(PDF) 20 Page - Microchip Technology

部品番号 MCP6541-E/ST
部品情報  Push-Pull Output Sub-Microamp Comparators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6541-E/ST データシート(HTML) 20 Page - Microchip Technology

Back Button MCP6541-E/ST Datasheet HTML 16Page - Microchip Technology MCP6541-E/ST Datasheet HTML 17Page - Microchip Technology MCP6541-E/ST Datasheet HTML 18Page - Microchip Technology MCP6541-E/ST Datasheet HTML 19Page - Microchip Technology MCP6541-E/ST Datasheet HTML 20Page - Microchip Technology MCP6541-E/ST Datasheet HTML 21Page - Microchip Technology MCP6541-E/ST Datasheet HTML 22Page - Microchip Technology MCP6541-E/ST Datasheet HTML 23Page - Microchip Technology MCP6541-E/ST Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
MCP6541/1R/1U/2/3/4
DS21696E-page 20
© 2006 Microchip Technology Inc.
Package Marking Information (Continued)
14-Lead PDIP (300 mil) (MCP6544)
Example:
14-Lead TSSOP (MCP6544)
Example:
14-Lead SOIC (150 mil) (MCP6544)
Example:
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
XXXXXXXXXX
YYWWNNN
XXXXXXXX
YYWW
NNN
MCP6544-I/P
XXXXXXXXXXXXXX
0636256
MCP6544I
0636
256
XXXXXXXXXX
MCP6544ISL
0636256
XXXXXXXXXX
MCP6544E/P
0636256
OR
MCP6544
0636256
E/SL^^
OR
3
e
3
e
MCP6544
I/P^^
0636256
OR
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34