| データシートサーチシステム |
|
MCP4821-E/MS データシート(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4821-E/MS データシート(HTML) 6 Page - Microchip Technology |
|
6 / 36 page ![]() MCP4821/MCP4822 DS21953A-page 6 © 2005 Microchip Technology Inc. AC CHARACTERISTICS (SPI™ TIMING SPECIFICATIONS) FIGURE 1-1: SPI™ Input Timing. Electrical Specifications: Unless otherwise indicated, VDD= 2.7V – 5.5V, TA= -40 to +125°C. Typical values are at +25°C. Parameters Sym Min Typ Max Units Conditions Schmitt Trigger High-Level Input Voltage (All digital input pins) VIH 0.7 VDD —— V Schmitt Trigger Low-Level Input Voltage (All digital input pins) VIL —— 0.2 VDD V Hysteresis of Schmitt Trigger Inputs VHYS —0.05 VDD — Input Leakage Current ILEAKAGE -1 — 1 μA SHDN = LDAC = CS = SDI = SCK + VREF = VDD or AVSS Digital Pin Capacitance (All inputs/outputs) CIN, COUT —10 — pF VDD = 5.0V, TA = +25°C, fCLK = 1 MHz (Note 1) Clock Frequency FCLK —— 20 MHz TA = +25°C (Note 1) Clock High Time tHI 15 — — ns Note 1 Clock Low Time tLO 15 — — ns Note 1 CS Fall to First Rising CLK Edge tCSSR 40 — — ns Applies only when CS falls with CLK high. (Note 1) Data Input Setup Time tSU 15 — — ns Note 1 Data Input Hold Time tHD 10 — — ns Note 1 SCK Rise to CS Rise Hold Time tCHS 15 — — ns Note 1 CS High Time tCSH 15 — — ns Note 1 LDAC Pulse Width tLD 100 — — ns Note 1 LDAC Setup Time tLS 40 — — ns Note 1 SCK Idle Time before CS Fall tIDLE 40 — — ns Note 1 Note 1: By design and characterization, not production tested. CS SCK SI LDAC tCSSR tHD tSU tLO tCSH tCHS LSb in MSb in tIDLE Mode 1,1 Mode 0,0 tHI tLD tLS |