データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP23017T-E/SS データシート(PDF) 16 Page - Microchip Technology

部品番号 MCP23017T-E/SS
部品情報  16-Bit I/O Expander with Serial Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23017T-E/SS データシート(HTML) 16 Page - Microchip Technology

Back Button MCP23017T-E/SS Datasheet HTML 12Page - Microchip Technology MCP23017T-E/SS Datasheet HTML 13Page - Microchip Technology MCP23017T-E/SS Datasheet HTML 14Page - Microchip Technology MCP23017T-E/SS Datasheet HTML 15Page - Microchip Technology MCP23017T-E/SS Datasheet HTML 16Page - Microchip Technology MCP23017T-E/SS Datasheet HTML 17Page - Microchip Technology MCP23017T-E/SS Datasheet HTML 18Page - Microchip Technology MCP23017T-E/SS Datasheet HTML 19Page - Microchip Technology MCP23017T-E/SS Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
MCP23017/MCP23S17
DS21952B-page 16
© 2007 Microchip Technology Inc.
1.6.5
INTERRUPT CONTROL REGISTER
The INTCON register controls how the associated pin
value is compared for the interrupt-on-change feature.
If a bit is set, the corresponding I/O pin is compared
against the associated bit in the DEFVAL register. If a
bit value is clear, the corresponding I/O pin is compared
against the previous value.
REGISTER 1-5:
INTCON – INTERRUPT-ON-CHANGE CONTROL REGISTER (ADDR 0x04)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
IOC7
IOC6
IOC5
IOC4
IOC3
IOC2
IOC1
IOC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
IOC7:IOC0: These bits control how the associated pin value is compared for interrupt-on-change
<7:0>
1 = Controls how the associated pin value is compared for interrupt-on-change.
0 = Pin value is compared against the previous pin value.
Refer to INTCON and GPINTEN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48