データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP6002-E/ST データシート(PDF) 12 Page - Microchip Technology

部品番号 MCP6002-E/ST
部品情報  1 MHz, Low-Power Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6002-E/ST データシート(HTML) 12 Page - Microchip Technology

Back Button MCP6002-E/ST Datasheet HTML 8Page - Microchip Technology MCP6002-E/ST Datasheet HTML 9Page - Microchip Technology MCP6002-E/ST Datasheet HTML 10Page - Microchip Technology MCP6002-E/ST Datasheet HTML 11Page - Microchip Technology MCP6002-E/ST Datasheet HTML 12Page - Microchip Technology MCP6002-E/ST Datasheet HTML 13Page - Microchip Technology MCP6002-E/ST Datasheet HTML 14Page - Microchip Technology MCP6002-E/ST Datasheet HTML 15Page - Microchip Technology MCP6002-E/ST Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
MCP6001/2/4
DS21733F-page 12
© 2005 Microchip Technology Inc.
5.0
DESIGN TOOLS
Microchip provides the basic design tools needed for
the MCP6001/2/4 family of op amps.
5.1
SPICE Macro Model
The latest SPICE macro model for the MCP6001/2/4
op
amps
is
available
on
our
web
site
at
www.microchip.com. This model is intended to be an
initial design tool that works well in the op amp’s linear
region of operation at room temperature. See the
model file for information on its capabilities.
Bench testing is a very important part of any design and
cannot be replaced with simulations. Also, simulation
results using this macro model need to be validated by
comparing them to the data sheet specifications and
characteristic curves.
5.2
FilterLab® Software
Microchip’s FilterLab® software is an innovative
software tool that simplifies analog active filter (using
op amps) design. Available at no cost from our web site
at www.microchip.com, the FilterLab design tool
provides full schematic diagrams of the filter circuit with
component values. It also outputs the filter circuit in
SPICE format, which can be used with the macro
model to simulate actual filter performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28