データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

23017 データシート(PDF) 23 Page - Microchip Technology

部品番号 23017
部品情報  16-Bit I/O Expander with Serial Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23017 データシート(HTML) 23 Page - Microchip Technology

Back Button 23017 Datasheet HTML 19Page - Microchip Technology 23017 Datasheet HTML 20Page - Microchip Technology 23017 Datasheet HTML 21Page - Microchip Technology 23017 Datasheet HTML 22Page - Microchip Technology 23017 Datasheet HTML 23Page - Microchip Technology 23017 Datasheet HTML 24Page - Microchip Technology 23017 Datasheet HTML 25Page - Microchip Technology 23017 Datasheet HTML 26Page - Microchip Technology 23017 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
© 2007 Microchip Technology Inc.
DS21952B-page 23
MCP23017/MCP23S17
1.6.11
OUTPUT LATCH REGISTER (OLAT)
The OLAT register provides access to the output
latches. A read from this register results in a read of the
OLAT and not the port itself. A write to this register
modifies the output latches that modifies the pins
configured as outputs.
REGISTER 1-11:
OLAT – OUTPUT LATCH REGISTER 0 (ADDR 0x0A)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
OL7
OL6
OL5
OL4
OL3
OL2
OL1
OL0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
OL7:OL0: These bits reflect the logic level on the output latch <7:0>
1 = Logic-high.
0 = Logic-low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48