| データシートサーチシステム |
|
MCP6549T-E/ST データシート(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6549T-E/ST データシート(HTML) 19 Page - Microchip Technology |
|
19 / 32 page ![]() © 2006 Microchip Technology Inc. DS21714E-page 19 MCP6546/6R/6U/7/8/9 5-Lead Plastic Package (LT) (SC-70) 0.30 0.15 .012 .006 B Lead Width 0.18 0.10 .007 .004 c Lead Thickness 0.30 0.10 .012 .004 L Foot Length 2.20 1.80 .087 .071 D Overall Length 1.35 1.15 .053 .045 E1 Molded Package Width 2.40 1.80 .094 .071 E Overall Width 0.10 0.00 .004 .000 A1 Standoff 1.00 0.80 .039 .031 A2 Molded Package Thickness 1.10 0.80 .043 .031 A Overall Height 0.65 (BSC) .026 (BSC) p Pitch 5 5 n Number of Pins MAX NOM MIN MAX NOM MIN Dimension Limits MILLIMETERS* INCHES Units Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .005" (0.127mm) per side. Notes: JEITA (EIAJ) Standard: SC-70 Revised 07-19-05 * Controlling Parameter Top of Molded Pkg to Q1 .004 .016 0.10 0.40 Lead Shoulder BSC: Basic Dimension. Theoretically exact value shown without tolerances. See ASME Y14.5M L E1 E c D 1 B p A2 A Q1 n A1 Drawing No. C04-061 Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging |