データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC1271ASBVCTTR データシート(PDF) 33 Page - Microchip Technology

部品番号 TC1271ASBVCTTR
部品情報  Voltage Supervisor with Manual Reset Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1271ASBVCTTR データシート(HTML) 33 Page - Microchip Technology

Back Button TC1271ASBVCTTR Datasheet HTML 29Page - Microchip Technology TC1271ASBVCTTR Datasheet HTML 30Page - Microchip Technology TC1271ASBVCTTR Datasheet HTML 31Page - Microchip Technology TC1271ASBVCTTR Datasheet HTML 32Page - Microchip Technology TC1271ASBVCTTR Datasheet HTML 33Page - Microchip Technology TC1271ASBVCTTR Datasheet HTML 34Page - Microchip Technology TC1271ASBVCTTR Datasheet HTML 35Page - Microchip Technology TC1271ASBVCTTR Datasheet HTML 36Page - Microchip Technology TC1271ASBVCTTR Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
© 2007 Microchip Technology Inc.
DS22035B-page 33
TC1270A/70AN/71A
FIGURE 9-3:
4-LEAD SOT-143 DEVICE TAPE AND REEL SPECIFICATIONS
Component Taping Orientation for 4-Pin SOT-143 Devices
Pin 1
Device
Marking
User Direction of Feed
Standard Reel Component Orientation
for TR Suffix Device
(Mark Right Side Up)
W
P
Carrier Tape, Number of Components Per Reel and Reel Size:
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
4-Pin SOT-143
8 mm
4 mm
3000
7 in.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40