| データシートサーチシステム |
|
MCP6G01T-E/ST データシート(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6G01T-E/ST データシート(HTML) 1 Page - Microchip Technology |
|
1 / 38 page ![]() © 2006 Microchip Technology Inc. DS22004B-page 1 MCP6G01/1R/1U/2/3/4 Features • 3 Gain Selections: - +1, +10, +50 V/V • One Gain Select Input per Amplifier • Rail-to-Rail Input and Output • Low Gain Error: ±1% (max.) • High Bandwidth: 250 kHz to 900 kHz (typ.) • Low Supply Current: 110 µA (typ.) • Single Supply: 1.8V to 5.5V • Extended Temperature Range: -40°C to +125°C Typical Applications • A/D Converter Driver • Industrial Instrumentation • Bar Code Readers • Metering • Digital Cameras Block Diagram Description The Microchip Technology Inc. MCP6G01/1R/1U/2/3/4 are analog Selectable Gain Amplifiers (SGA). They can be configured for gains of +1 V/V, +10 V/V, and +50 V/V through the Gain Select input pin(s). The Chip Select pin on the MCP6G03 can put it into shutdown to conserve power. These SGAs are optimized for single supply applications requiring reasonable quiescent current and speed. The single amplifiers MCP6G01, MCP6G01R, MCP6G01U, and MCP6G03, are available in 5-pin SOT-23 package and the dual amplifier MCP6G02, are available in 8-pin SOIC and MSOP packages. The quad amplifier MCP6G04 is available in 14-pin SOIC and TSSOP packages. All parts are fully specified from -40°C to +125°C. Package Types VOUT VDD GSEL VIN VSS 3 RF RG Gain Select Logic Gain Switches Gain (V/V) GSEL Voltage (Typ.) (V) 1VDD/2 (or open) 10 0 50 VDD Note: VSS is assumed to be 0V CS (MCP6G03 only) 5M Ω VIN GSEL VSS VOUT VDD 1 2 3 4 8 7 6 5 NC NC NC GSELA VOUTA VINA GSELC VINC 1 2 3 4 14 13 12 11 VSS VOUTC GSELD 5 6 7 10 9 8 VDD GSELB VOUTD VOUTB VIND VINB MCP6G01 SOIC, MSOP VINA GSELA VSS GSELB VOUTB 1 2 3 4 8 7 6 5 VDD VINB VOUTA MCP6G02 SOIC, MSOP MCP6G04 SOIC, TSSOP VIN GSEL VSS VOUT VDD 1 2 3 4 8 7 6 5 CS NC NC MCP6G03 SOIC, MSOP VDD 1 2 3 5 4 VSS VOUT VIN GSEL MCP6G01R SOT-23-5 VSS 1 2 3 5 4 VDD VIN GSEL VOUT MCP6G01U SOT-23-5 VSS 1 2 3 5 4 VDD VOUT VIN GSEL MCP6G01 SOT-23-5 110 µA Selectable Gain Amplifier |
同様の部品番号 - MCP6G01T-E/ST |
|
同様の説明 - MCP6G01T-E/ST |