| データシートサーチシステム |
|
MCP6G01RT-E/ST データシート(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6G01RT-E/ST データシート(HTML) 25 Page - Microchip Technology |
|
25 / 38 page ![]() © 2006 Microchip Technology Inc. DS22004B-page 25 MCP6G01/1R/1U/2/3/4 5.0 PACKAGING INFORMATION 5.1 Package Marking Information 8-Lead SOIC (150 mil) (MCP6G01, MCP6G02, MCP6G03) Example: XXXXXXXX XXXXYYWW NNN 8-Lead MSOP (MCP6G01, MCP6G02, MCP6G03) Example: XXXXXX YWWNNN 6G01E 634256 MCP6G01E SN^^0634 256 Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 3 e 5-Lead SOT-23 (MCP6G01, MCP6G01R, MCP6G01U) XXNN CK25 Device Code MCP6G01 CKNN MCP6G01R CLNN MCP6G01U CMNN Note: Applies to 5-Lead SOT-23 |