| データシートサーチシステム |
|
TC1270AMBVRCTR データシート(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC1270AMBVRCTR データシート(HTML) 13 Page - Microchip Technology |
|
13 / 40 page ![]() © 2007 Microchip Technology Inc. DS22035B-page 13 TC1270A/70AN/71A Note: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, TA = –40°C to +125°C. FIGURE 2-37: MR Low to Reset Propagation Delay (tMD) vs. Temperature (TC1270AL, TC1270ANL, TC1271AL - 4.50V min. / 4.63V typ. / 4.75V max.). FIGURE 2-38: MR Low to Reset Propagation Delay (tMD) vs. Temperature (TC1270AT, TC1270ANT, TC1271AT - 3.00V min. / 3.08V typ. / 3.15V max.). FIGURE 2-39: MR Low to Reset Propagation Delay (tMD) vs. Temperature (TC1270AR, TC1270ANR, TC1271AR - 2.55V min. / 2.63V typ. / 2.70V max.). FIGURE 2-40: VDD Transient Duration vs. Reset Threshold Overdrive (VTRIP (minimum) - VDD). FIGURE 2-41: Open-Drain Leakage Current vs. Voltage Applied to RST Pin (TC1270AR, TC1270ANR, TC1271AR - 2.55V minimum). 0.17 0.18 0.19 0.2 0.21 0.22 -40 10 60 110 Temperature (°C) 5.5V 5.0V 4.8V 4.75V 0.17 0.18 0.19 0.2 0.21 0.22 -40 10 60 110 Temperature (°C) 5.5V 5.0V 4.5V 4.0V 0.17 0.18 0.19 0.2 0.21 0.22 -40 10 60 110 Temperature (°C) 5.5V 5.0V 4.5V 4.0V 0 10 20 30 40 50 60 0.001 0.01 0.1 1 10 VTRIPMIN - VDD (V) 4.63V 3.08V 2.63V Above Line, Reset Occurs Below Line, No Reset Occurs 1.E-14 1.E-12 1.E-10 1.E-08 1.E-06 1.E-04 1.E-02 0123456 7 8 9 10 11 12 13 14 Output Voltage (V) -40°C +25°C +125°C 13.5V |