データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M25PX32-VMP6F データシート(PDF) 25 Page - STMicroelectronics

部品番号 M25PX32-VMP6F
部品情報  32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PX32-VMP6F データシート(HTML) 25 Page - STMicroelectronics

Back Button M25PX32-VMP6F Datasheet HTML 21Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 22Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 23Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 24Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 25Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 26Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 27Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 28Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 63 page
background image
M25PX32
Instructions
25/63
6.1
Write Enable (WREN)
The Write Enable (WREN) instruction (Figure 8) sets the Write Enable Latch (WEL) bit.
The Write Enable Latch (WEL) bit must be set prior to every Page Program (PP), Dual Input
Fast Program (DIFP), Program OTP (POTP), Write to Lock Register (WRLR), Subsector
Erase (SSE), Sector Erase (SE), Bulk Erase (BE) and Write Status Register (WRSR)
instruction.
The Write Enable (WREN) instruction is entered by driving Chip Select (S) Low, sending the
instruction code, and then driving Chip Select (S) High.
Figure 8.
Write Enable (WREN) instruction sequence
C
DQ0
AI13731
S
DQ1
2
1
34567
High Impedance
0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63