| データシートサーチシステム |
|
TC1270AMVRCTR データシート(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC1270AMVRCTR データシート(HTML) 33 Page - Microchip Technology |
|
33 / 40 page ![]() © 2007 Microchip Technology Inc. DS22035B-page 33 TC1270A/70AN/71A FIGURE 9-3: 4-LEAD SOT-143 DEVICE TAPE AND REEL SPECIFICATIONS Component Taping Orientation for 4-Pin SOT-143 Devices Pin 1 Device Marking User Direction of Feed Standard Reel Component Orientation for TR Suffix Device (Mark Right Side Up) W P Carrier Tape, Number of Components Per Reel and Reel Size: Package Carrier Width (W) Pitch (P) Part Per Full Reel Reel Size 4-Pin SOT-143 8 mm 4 mm 3000 7 in. |