| データシートサーチシステム |
|
24LC256T-I/MS データシート(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24LC256T-I/MS データシート(HTML) 33 Page - Microchip Technology |
|
33 / 42 page ![]() © 2007 Microchip Technology Inc. DS21930B-page 33 24AAXX/24LCXX/24FCXX 5-Lead Plastic Small Outline Transistor (OT or CT) [SOT-23] Notes: 1. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.127 mm per side. 2. Dimensioning and tolerancing per ASME Y14.5M. BSC: Basic Dimension. Theoretically exact value shown without tolerances. Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Units MILLIMETERS Dimension Limits MIN NOM MAX Number of Pins N 5 Lead Pitch e 0.95 BSC Outside Lead Pitch e1 1.90 BSC Overall Height A 0.90 – 1.45 Molded Package Thickness A2 0.89 – 1.30 Standoff A1 0.00 – 0.15 Overall Width E 2.20 – 3.20 Molded Package Width E1 1.30 – 1.80 Overall Length D 2.70 – 3.10 Foot Length L 0.10 – 0.60 Footprint L1 0.35 – 0.80 Foot Angle φ 0° – 30° Lead Thickness c 0.08 – 0.26 Lead Width b 0.20 – 0.51 φ N b E E1 D 1 2 3 e e1 A A1 A2 c L L1 Microchip Technology Drawing C04-091B |