データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCB01DM24 データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 PCB01DM24
部品情報  Timers Asymmetrical Recycler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

PCB01DM24 データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  PCB01DM24 Datasheet HTML 1Page - List of Unclassifed Manufacturers PCB01DM24 Datasheet HTML 2Page - List of Unclassifed Manufacturers PCB01DM24 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications are subject to change without notice (15.12.05)
3
DCB01, PCB01
Wiring Diagrams
Operation Diagrams
Powersupply
RelayON
RedLEDON
T1
T1
T1
T2
T2
DCB01
PCB01
Function Aa - Asymmetrical Recycler - ON first
Powersupply
RelayON
RedLEDON
T1
T2
Function Sh - One Shot
Powersupply
RelayON
RedLEDON
T1
T1
T1
T2
T2
Function Ab - Asymmetrical Recycler - OFF first
Powersupply
Relay1ON
Relay2ON
RedLEDON
T1
T2
Function Dt - Two state Delay on operate (2xSPDT only)
LED ON
LED ON
LED ON
LED ON
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
Dimensions
22.5
99.5
28.5
36
94
28.5
90
DIN-rail
Plug-in



Html Pages

1 2 3