| データシートサーチシステム |
|
TDA8762AM/6 データシート(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA8762AM/6 データシート(HTML) 4 Page - NXP Semiconductors |
|
4 / 24 page ![]() 1996 Mar 21 4 Philips Semiconductors Product specification 10-bit high-speed low-power analog-to-digital converter TDA8762A PINNING SYMBOL PIN DESCRIPTION CLK 1 clock input TC 2 two’s complement input (active LOW) VCCA 3 analog supply voltage (5 V) AGND1 4 analog ground 1 AGND2 5 analog ground 2 VRB 6 reference voltage BOTTOM input VRM 7 reference voltage MIDDLE VI 8 analog input voltage VRT 9 reference voltage TOP input OE 10 output enable input (TTL level input, active LOW) VCCD 11 digital supply voltage (5 V) DGND 12 digital ground VCCO1 13 supply voltage for output stages 1 (5 V) OGND1 14 output ground 1 n.c. 15 not connected D0 16 data output; bit 0 (LSB) D1 17 data output; bit 1 D2 18 data output; bit 2 D3 19 data output; bit 3 D4 20 data output; bit 4 D5 21 data output; bit 5 D6 22 data output; bit 6 D7 23 data output; bit 7 D8 24 data output; bit 8 D9 25 data output; bit 9 (MSB) IR 26 in range data output OGND2 27 output ground 2 VCCO2 28 supply voltage for output stages 2 (5 V) Fig.2 Pin configuration. handbook, halfpage 1 2 3 4 5 6 7 8 9 10 11 12 13 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 CLK TC CCA AGND1 AGND2 RB RM I RT OE CCD DGND CCO1 OGND1 CCO2 OGND2 IR D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 n.c. V V V V V V V V TDA8762A MBE561 |