| データシートサーチシステム |
|
TDA8763M/5 データシート(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA8763M/5 データシート(HTML) 5 Page - NXP Semiconductors |
|
5 / 24 page ![]() 1999 Jan 06 5 Philips Semiconductors Product specification 10-bit high-speed low-power ADC with internal reference regulator TDA8763 PINNING SYMBOL PIN DESCRIPTION CLK 1 clock input TC 2 two’s complement input (active LOW) VCCA 3 analog supply voltage (+5 V) AGND 4 analog ground DEC 5 decoupling input VRB 6 reference voltage BOTTOM input VRM 7 reference voltage MIDDLE input VI 8 analog input voltage VRT 9 reference voltage TOP input OE 10 output enable input (CMOS level input, active LOW) VCCD2 11 digital supply voltage 2 (+5 V) DGND2 12 digital ground 2 VCCO 13 supply voltage for output stages (3 to 5 V) OGND 14 output ground n.c. 15 not connected D0 16 data output; bit 0 (LSB) D1 17 data output; bit 1 D2 18 data output; bit 2 D3 19 data output; bit 3 D4 20 data output; bit 4 D5 21 data output; bit 5 D6 22 data output; bit 6 D7 23 data output; bit 7 D8 24 data output; bit 8 D9 25 data output; bit 9 (MSB) IR 26 in range data output DGND1 27 digital ground 1 VCCD1 28 digital supply voltage 1 (+5 V) Fig.2 Pin configuration. handbook, halfpage 1 2 3 4 5 6 7 8 9 10 11 12 13 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 CLK TC CCA AGND DEC RB RM I RT OE CCD2 DGND2 CCO OGND CCD1 DGND1 IR D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 n.c. V V V V V V V V TDA8763 MBE552 |