| データシートサーチシステム |
|
STPS40170C データシート(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPS40170C データシート(HTML) 7 Page - STMicroelectronics |
|
7 / 8 page ![]() STPS40170C 7/8 Figure 15: TO-220AB Package Mechanical Data In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These packages have a Lead-free second level interconnect . The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com. A C D L7 Dia L5 L6 L9 L4 F H2 G G1 L2 F2 F1 E M REF. DIMENSIONS Millimeters Inches Min. Max. Min. Max. A 4.40 4.60 0.173 0.181 C 1.23 1.32 0.048 0.051 D 2.40 2.72 0.094 0.107 E 0.49 0.70 0.019 0.027 F 0.61 0.88 0.024 0.034 F1 1.14 1.70 0.044 0.066 F2 1.14 1.70 0.044 0.066 G 4.95 5.15 0.194 0.202 G1 2.40 2.70 0.094 0.106 H2 10 10.40 0.393 0.409 L2 16.4 typ. 0.645 typ. L4 13 14 0.511 0.551 L5 2.65 2.95 0.104 0.116 L6 15.25 15.75 0.600 0.620 L7 6.20 6.60 0.244 0.259 L9 3.50 3.93 0.137 0.154 M 2.6 typ. 0.102 typ. Diam. 3.75 3.85 0.147 0.151 Table 6: Ordering Information ■ Epoxy meets UL94, V0 ■ Cooling method: by conduction (C) ■ TO-220 - Recommended torque value: 0.55 Nm, Maximum torque value: 0.7 Nm. ■ TO-247 - Recommended torque value: 0.8 Nm, Maximum torque value: 1.0 Nm. Ordering type Marking Package Weight Base qty Delivery mode STPS40170CT STPS40170CT TO-220AB 2.20 g 50 Tube STPS40170CG STPS40170CG D2PAK 1.48 g 50 Tube STPS40170CG-TR STPS40170CG 1000 Tape & reel STPS40170CW STPS40170CW TO-247 4.4 g 30 Tube Table 7: Revision History Date Revision Description of Changes 16-Sep-2005 1 First issue. |